Part Number Hot Search : 
CA37NL21 ADE209 ECA0J 74LS157 AS321K THN6702 2SC34 06C10
Product Description
Full Text Search
 

To Download PD-5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1.55 m WDM PIN PHOTODIODES
FEATURES
High responsivity at 1550 nm High attenuation at 1310 nm Low dark current Quick pulse response Hermetically sealed 3-pin metal case Active diameter 75 m
PD-5100
****************************************************************************************************************************************************************
PD-5100 SERIES
************************************************************************************************************************************************************
www..com
DESCRIPTION
PD-5100 series Photodiode are suited to receive the light at the wavelength 1550 nm. With high reliability and high isolation between 1310 nm and 1550 nm (at least 30 dB), PD-5100 series are the best choice for 1550 nm / 1310 nm WDM telecom and datacom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25C)
Symbol Parameter Active Area Detection Range R Idark C Tr /Tf BW Responsivity Dark Current Capacitance Rise/Fall Time Bandwidth VR=5V, =1550nm =1310nm VR=5V VR=5V VR=5V, 10~90% VR=5V 2 1480 0.8 Test Conditions Min. Typ. 75 1550 0.85 0.3 0.7 1600 0.005 0.7 0.9 0.3 Max. Unit m nm A/W nA pF ns GHz
ABSOLUTE MAXIMUM RATINGS (TC=25 C)
Symbol Parameter Po VRD IFD Topr Tstg Input Optical Power Reverse Voltage Forward Current Operating Temperature Storage Temperature Ratings 10 20 10 -40~+85 -40~+85 Unit mW V mA C C
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw 6/1/2002 V1.0
Optoway
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
PD-5100
****************************************************************************************************************************************************************
C ASE
PD( + ) C ASE
P D( + )
www..com
P D( - )
PD( - )
Note: 1. Specifications subject to change without notice. 2. Other PIN assignment is available upon request.
ORDER INFORMATION
Part No.: P D- 5 1
Code 0
Diameter 75 m Code 0 5 Package Ball Lens Cap Flat Window Cap
Code Wavlength 1 1310 / 1550 nm 3 5 1310 nm 1550 nm
************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw 6/1/2002 V1.0


▲Up To Search▲   

 
Price & Availability of PD-5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X